Part Number Hot Search : 
SB113 MHW72 AN584 5160HR MPC942P WM8904 SG7805AR 5000F
Product Description
Full Text Search
 

To Download BTS620L1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PROFET(R) BTS 620 L1
Smart Two Channel Highside Power Switch
Features
* Overload protection * Current limitation * Short circuit protection * Thermal shutdown * Overvoltage protection (including load dump) * Reverse battery protection1) * Undervoltage and overvoltage shutdown with auto-restart and hysteresis * Open drain diagnostic output * Open load detection in ON-state * CMOS compatible input * Loss of ground and loss of Vbb protection * Electrostatic discharge (ESD) protection
Product Summary Overvoltage protection Operating voltage
Vbb(AZ) Vbb(on)
43 5.0 ... 24
both
V V
channels: On-state resistance RON Load current (ISO) IL(ISO) Current limitation IL(SCr)
each parallel 100 50 m 4.4 8.5 A 10 10 A
TO-220AB/7
Application
* C compatible power switch with diagnostic feedback for 12 V DC grounded loads * Most suitable for resistive and lamp loads
7 1
Standard
General Description
N channel vertical power FET with charge pump, ground referenced CMOS compatible input and diagnostic feedback, monolithically integrated in Smart SIPMOS(R) technology. Fully protected by embedded protection functions.
Voltage source
Overvoltage protection
Current limit 1
Gate 1 protection
+ V bb
4
V
Logic
Voltage sensor
Level shifter Rectifier 1 Charge pump 1 Charge pump 2 Open load Short to Vbb detection 1 Current limit 2 Gate 2 protection Temperature sensor 1
OUT1
1
3 6 5
IN1 IN2
ESD
ST
Logic
Level shifter Rectifier 2
OUT2
Temperature sensor 2 Open load Short to Vbb detection 2
R O1 GND R O2
7
Load
(R) PROFET 2
GND Signal GND
Load GND
1)
With external current limit (e.g. resistor RGND=150 ) in GND connection, resistor in series with ST connection, reverse load current limited by connected load.
Semiconductor Group
1
12.96
BTS 620 L1
Pin 1 2 3 4 5 6 7 Symbol OUT1 (Load, L) GND IN1 Vbb ST IN2 OUT2 (Load, L) Function Output 1, protected high-side power output of channel 1 Logic ground Input 1, activates channel 1 in case of logical high signal Positive power supply voltage, the tab is shorted to this pin Diagnostic feedback: open drain, low on failure Input 2, activates channel 2 in case of logical high signal Output 2, protected high-side power output of channel 2
Maximum Ratings at Tj = 25 C unless otherwise specified Parameter Supply voltage (overvoltage protection see page 3) Supply voltage for full short circuit protection Tj Start=-40 ...+150C Load dump protection2) VLoadDump = UA + Vs, UA = 13.5 V RI3)= 2 , RL= 2.7 , td= 200 ms, IN= low or high Load current (Short circuit current, see page 4) Operating temperature range Storage temperature range Power dissipation (DC), TC 25 C Electrostatic discharge capability (ESD) IN: (Human Body Model) all other pins:
acc. MIL-STD883D, method 3015.7 and ESD assn. std. S5.1-1993
Symbol Vbb Vbb
Values 43 24 60 self-limited -40 ...+150 -55 ...+150 75 1.0 2.0 -10 ... +16 2.0 5.0
Unit V V V A C W kV V mA
VLoad dump4) IL Tj Tstg Ptot VESD VIN IIN IST
Input voltage (DC) Current through input pin (DC) Current through status pin (DC)
see internal circuit diagrams page 6
Thermal Characteristics
Parameter and Conditions Thermal resistance Symbol min ---chip - case, both channels: RthJC each channel: junction - ambient (free air): RthJA Values typ max -1.7 -3.4 -75 Unit K/W
2)
3) 4)
Supply voltages higher than Vbb(AZ) require an external current limit for the GND and status pins, e.g. with a 150 resistor in the GND connection and a 15 k resistor in series with the status pin. A resistor for the protection of the input is integrated. RI = internal resistance of the load dump test pulse generator VLoad dump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839
Semiconductor Group
2
BTS 620 L1 Electrical Characteristics
Parameter and Conditions, each channel
at Tj = 25 C, Vbb = 12 V unless otherwise specified
Symbol
Values min typ max
Unit
Load Switching Capabilities and Characteristics On-state resistance (pin 4 to 1 or 7) IL = 2 A
Tj=25 C: RON Tj=150 C: each channel Nominal load current, ISO Norm (pin 4 to 1 or 7) VON = 0.5 V, TC = 85 C each channel: IL(ISO) both channels parallel:
Output current (pin 1 or 7) while GND disconnected or GND pulled up, Vbb=30 V, VIN= 0, see diagram page 7 Turn-on time IN to 90% VOUT: Turn-off time IN to 10% VOUT: RL = 12 , Tj =-40...+150C Slew rate on 10 to 30% VOUT, RL = 12 , Tj =-40...+150C Slew rate off 70 to 40% VOUT, RL = 12 , Tj =-40...+150C Operating Parameters Operating voltage 5) Operating voltage6) Undervoltage shutdown Undervoltage restart
-3.5 6.8 --
80 160 4.4 8.5 --
100 200 --10
m
A mA s
IL(GNDhigh)
ton toff
dV /dton -dV/dtoff
80 80 0.1 0.1
200 200 ---
400 400 1 1
V/s V/s
Tj =-40...+150C: Tj =-40...+150C: Tj =-40...+150C: Tj =-40...+25C: Tj =+150C: Undervoltage restart of charge pump Tj =-40...+150C: see diagram page 10 Undervoltage hysteresis Vbb(under) = Vbb(u rst) - Vbb(under) Tj =-40...+150C: Overvoltage shutdown Tj =-40...+150C: Overvoltage restart Tj =-40...+150C: Overvoltage hysteresis Tj =-40...+150C: Overvoltage protection7) Ibb=40 mA Standby current (pin 4) VIN=0 Tj=-40...+25C: Tj= 150C:
5) 6) 7)
Vbb(on) Vbb(on) Vbb(under) Vbb(u rst) Vbb(ucp)
Vbb(under)
5.0 5.0 3.5 ---24 23 -42
----5.6 0.2 --0.5 47
34 24 5.0 5.0 7.0 7.0 -34 ----
V V V V V V V V V V
Vbb(over) Vbb(o rst) Vbb(over) Vbb(AZ)
Ibb(off)
---
14 17
30 35
A
At supply voltage increase up to Vbb= 5.6 V typ without charge pump, VOUT Vbb - 2 V At supply voltage increase up to Vbb= 5.6 V typ without charge pump, VOUT Vbb - 2 V See also VON(CL) in table of protection functions and circuit diagram page 7.
Semiconductor Group
3
BTS 620 L1
Parameter and Conditions, each channel
at Tj = 25 C, Vbb = 12 V unless otherwise specified
Symbol
Values min typ max ----4 2 12 6 3
Unit
Leakage output current (included in Ibb(off)) VIN=0 Operating current (Pin 2)8), VIN=5 V both channels on, Tj =-40...+150C Operating current (Pin 2)8) one channel on, Tj =-40...+150C: Protection Functions Initial peak short circuit current limit (pin 4 to 1 or 7) Tj =-40C: Tj =25C: Tj =+150C: Repetitive short circuit shutdown current limit Tj = Tjt (see timing diagrams, page 9) Thermal overload trip temperature Thermal hysteresis Reverse battery (pin 4 to 2) 9) Reverse battery voltage drop (Vout > Vbb) IL = -2.9 A, each channel Tj=150 C: Diagnostic Characteristics Open load detection current
(on-condition, )
IL(off) IGND IGND
A mA mA
IL(SCp)
16 12 7 22 18 11 10 -10 -610 28 24 15 ---32 -A
IL(SCr) Tjt Tjt -Vbb -VON(rev)
-150 ---A C K V mV
Tj=-40 C: IL (OL) Tj=25C: Tj=150C:
800 800 550 2
---3
1450 1300 1200 4
mA
Open load detection voltage10) (off-condition) VOUT(OL) Tj=-40..150C: Internal output pull down (pin 1 or 7 to 2), VOUT=5 V, Tj=-40..150C RO
V
4
10
30
k
8) 9)
Add IST, if IST > 0, add IIN, if VIN>5.5 V Requires 150 resistor in GND connection. The reverse load current through the intrinsic drain-source diode has to be limited by the connected load. Note that the power dissipation is higher compared to normal operating conditions due to the voltage drop across the intrinsic drain-source diode. The temperature protection is not active during reverse current operation! Input and Status currents have to be limited (see max. ratings page 2 and circuit page 7). 10) External pull up resistor required for open load detection in off state.
Semiconductor Group
4
BTS 620 L1
Parameter and Conditions, each channel
at Tj = 25 C, Vbb = 12 V unless otherwise specified
Symbol
Values min typ max
Unit
Input and Status Feedback11) Input resistance Tj=-40..150C, see circuit page 6 Input turn-on threshold voltage Tj =-40..+150C: Tj =-40..+150C: Input turn-off threshold voltage Input threshold hysteresis Off state input current (pin 3 or 6), VIN = 0.4 V, Tj =-40..+150C On state input current (pin 3 or 6), VIN = 3.5 V, Tj =-40..+150C Delay time for status with open load after switch off (other channel in off state) (see timing diagrams, page 10), Tj =-40..+150C Delay time for status with open load after switch off (other channel in on state) (see timing diagrams, page 10), Tj =-40..+150C Status invalid after positive input slope Tj=-40 ... +150C: (open load) Status output (open drain) Zener limit voltage Tj =-40...+150C, IST = +1.6 mA: Tj =-40...+25C, IST = +1.6 mA: ST low voltage Tj = +150C, IST = +1.6 mA:
RI VIN(T+) VIN(T-) VIN(T) IIN(off) IIN(on) td(ST OL4) td(ST OL5) td(ST)
2.5 1.7 1.5 -1 20 100 ---
3.5 --0.5 -50 320 5 200
6 3.5 --50 90 800 20 600
k V V V A A s s s
VST(high) VST(low)
5.4 ---
6.1 ---
-0.4 0.6
V
11)
If a ground resistor RGND is used, add the voltage drop across this resistor.
Semiconductor Group
5
BTS 620 L1 Truth Table
IN1 IN2 OUT1 OUT2 ST BTS620L1 BTS621L1 H H H H H(L12)) H L H(L12)) H L L13) H H(L14)) L13) H H(L14)) H L L H L H L H
Normal operation
Open load
Channel 1
Channel 2
Short circuit to Vbb
Channel 1
Channel 2
Overtemperature
both channel
Channel 1 Channel 2 Undervoltage/ Overvoltage
L L H H L L H L H X L L H L H X L X H L H X X X
L H L H L H X L L H L H X L L H L H X X X L H X
L L H H Z Z H L H X H H H L H X L L L L L X X L
L H L H L H X Z Z H L H X H H H L L L X X L L L
L = "Low" Level H = "High" Level
X = don't care Z = high impedance, potential depends on external circuit Status signal after the time delay shown in the diagrams (see fig 5. page 10)
Terms
Ibb V ON1 V ON2 OUT1 6 IN2 PROFET OUT2 GND 2 R GND I GND 7 V OUT1 VOUT2 1 I L1 I L2
Input circuit (ESD protection)
R IN
4 I IN1 3 I IN2 IN1
V
I
bb
Vbb
ESD-ZD I GND
I
I
I ST ST V V IN1 IN2 V 5 ST
ESD zener diodes are not to be used as voltage clamp at DC conditions. Operation in this mode may result in a drift of the zener voltage (increase of up to 1 V).
12) 13)
With additional external pull up resistor An external short of output to Vbb, in the off state, causes an internal current from output to ground. If R GND is used, an offset voltage at the GND and ST pins will occur and the VST low signal may be errorious. 14) Low resistance to V may be detected in the ON-state by the no-load-detection bb
Semiconductor Group
6
BTS 620 L1
Status output
+5V
Open-load detection
ON-state diagnostic condition: VON < RON * IL(OL); IN high
R ST(ON)
ST
+ V bb
GND
ESDZD
ESD-Zener diode: 6.1 V typ., max 5 mA; RST(ON) < 380 at 1.6 mA, ESD zener diodes are not to be used as voltage clamp at DC conditions. Operation in this mode may result in a drift of the zener voltage (increase of up to 1 V).
ON
VON
OUT
Logic unit
Open load detection
overvoltage output clamp
+ V bb V Z
OFF-state diagnostic condition: VOUT > 3 V typ.; IN low
VON
R
EXT
OUT GND
OFF
V OUT
PROFET
Open load detection
VON clamped to 47 V typ.
Logic unit
R
O
Overvolt. and reverse batt. protection
+ V bb V
Signal GND
IN1 IN2
RI Logic
Z2
GND disconnect
V 4 3 IN1 IN2 ST Ibb
bb
R ST
ST
Vbb OUT1 1 PROFET OUT2 7
V
Z1 GND
6 5 V V V IN1 IN2 ST
R GND
Signal GND
GND 2 V GND
VZ1 = 6.1 V typ., VZ2 = 47 V typ., RI= 3.5 k typ, RGND= 150
In case of Input=high is VOUT VIN - VIN(T+) . Due to VGND >0, no VST = low signal available.
Semiconductor Group
7
BTS 620 L1
GND disconnect with GND pull up
4 3 V IN1 V 6 IN2 5 IN2 ST PROFET OUT2 GND 2 7 IN1 Vbb OUT1 1
Typ. transient thermal impedance chip case ZthJC = f(tp), both Channel active ZthJC [K/W] 1
V
V bb
ST
V
GND
If VGND > VIN - VIN(T+) device stays off Due to VGND >0, no VST = low signal available.
0.1 D= 0.5 0.2 0.1 0.05 0.02 0.01 0 0.01 1E-5
Typ. transient thermal impedance chip case ZthJC = f(tp), one Channel active ZthJC [K/W] 10
1E-4
1E-3
1E-2
1E-1
1E0
1E1
1
tp [s]
0.1
D= 0.5 0.2 0.1 0.05 0.02 0.01 0
0.01 1E-5
1E-4
1E-3
1E-2
1E-1
1E0
1E1
tp [s]
Semiconductor Group
8
BTS 620 L1
Timing diagrams
Figure 1a: Vbb turn on:
IN1
Both channels are symmetric and consequently the diagrams are valid for each channel as well as for permuted channels
Figure 3a: Short circuit shut down by overtempertature, reset by cooling
IN IN2
other channel: normal operation
V bb IL V
OUT1
I L(SCp)
IL(SCr)
V
OUT2
ST open drain t
ST t
Figure 2a: Switching a lamp:
IN
Heating up may require several milliseconds, depending on external conditions
Figure 4a: Overtemperature: Reset if Tj ST
IN
V
OUT
ST
V I
L
OUT
t T
J
t
Semiconductor Group
9
BTS 620 L1
Figure 5a: Open load: detection in ON-state, open load occurs in on-state
IN1
Figure 5c: Open load: detection in ON- and OFF-state (with REXT), turn on/off to open load
IN1
IN2
channel 2: normal operation
IN2
channel 2: normal operation
VOUT1
V
OUT1
IL1
channel 1: open load
normal load
open load
I L1
channel 1: open load
t d(ST OL1) t d(ST OL2) ST
t d(ST OL1)
t d(ST OL2) t
ST
t d(ST)
t
d(ST)
t d(ST OL5) t
td(ST OL1) = 30 s typ., td(ST OL2) = 20 s typ
td(ST OL5) depends on external circuitry because of high impedance
Figure 5b: Open load: detection in ON-state, turn on/off to open load
IN1
Figure 6a: Undervoltage:
IN IN2 channel 2: normal operation V bb V
OUT1
V
bb(under)
Vbb(u cp) V
bb(u rst)
I
V OUT
L1
channel 1: open load t
d(ST)
t
d(ST OL4)
t
d(ST)
t
d(ST OL5)
ST open drain t
ST t
Semiconductor Group
10
BTS 620 L1
Figure 6b: Undervoltage restart of charge pump
V on VON(CL)
off-state
on-state
V
bb(over)
V
V V
bb(u rst)
bb(o rst)
bb(u cp)
V
bb(under)
charge pump starts at Vbb(ucp) =5.6 V typ.
Figure 7a: Overvoltage:
IN
V bb
V ON(CL)
Vbb(over)
V bb(o rst)
V
OUT
ST
off-state
V bb t
Semiconductor Group
11
BTS 620 L1
Package and Ordering Code
All dimensions in mm
Standard TO-220AB/7
BTS620L1
Ordering code Q67060-S6301-A2
Changed since 04.96 Date Change td(ST OL4) max reduced from Dec 1996 1500 to 800s, typical from 400 to 320s, min limit unchanged Zth specification added max Output leakage current IL(off) reduced from 20 to 12 A increased ESD capability Typ. reverse battery voltage drop VON(rev) added
Semiconductor Group
12


▲Up To Search▲   

 
Price & Availability of BTS620L1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X